Part Number Hot Search : 
KP120 KP120 PSMA70A 01VXC 100391 AN0116 1046743 AHCNR51B
Product Description
Full Text Search
 

To Download RTF16102A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT
Exceptionally low tolerance 0402 and 2512 size Low noise performance Highly suited for audio amongst others
SURFACE MOUNT THIN FILM CHIP RESISTORS RTF
RATING
Size Code 0402 Power Rating 1/16w Max. Working Voltage 50v Max. Overload Voltage 100v Tolerance 1% 0.5% 0.25% 0.1% 1% 0.5% 0.25% 0.1% 1% 0.5% 0.25% 0.1% 1% 0.5% 0.25% 0.1% 1% 0.5% 0.25% 0.1% 1% 0.5% 0.25% 0.1% Operating Temp Range -55C to +125C
0603
1/10w
75v
150v
-55C to +125C
Size Code 0402 0603
Resistance Range 10 to 121k 3 to 681k 3 to 1.5M 3 to 1.5M 10 to 1M 10 to 1M
TCR 10ppm (on request) 15ppm (on request) 25ppm 50ppm
0805
1/8w
150v
300v
-55C to +125C
0805 1206 2010
1206
1/8w
200v
400v
-55C to +125C
2512
2010
1/2w
200v
400v
-55C to +125C
2512
3/4w
200v
400v
-55C to +125C
SECTION 4
OUTLINE DRAWING
L T T
CONSTRUCTION
Resistor Overcoat
External Electrode
W
Substrate Internal Electrode
Secondary Electrode
H
t
Size Code 0402 0603 0805 1206 2010 2512 Length L/mm 1.00 0.1 1.60 0.1 2.00 0.1 3.10 0.1 5.00 0.1 6.35 0.1
t
H
Range RTF04 RTF16 RTF12 RTF25 RTF50 RTF100
Width W/mm 0.5 0.05 0.8 0.1 1.25 0.1 1.60 0.1 2.5 0.15 3.2 0.15
Height H/mm 0.35 0.05 0.45 0.1 0.5 0.1 0.55 0.1 0.55 0.1 0.55 0.1
Terminal T/mm 0.2 0.1 0.25 0.15 0.35 0.2 0.45 0.2 0.6 0.2 0.6 0.2
Dimensions in mm
ORDERING INFORMATION RTF
Range
12
Size 04 = 0402 12 = 0805 16 = 0603 25 = 1206 50 = 2010 100 = 2512
102
Value
A
Tolerance A = 0.1% B = 0.5% C = 0.25% F = 1% Blank = 50ppm 25ppm = 25ppm 15ppm = 15ppm 10ppm = 10ppm
140
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT
SURFACE MOUNT THIN FILM CHIP RESISTOR RTF
PACKAGING DIMENSIONS FOR BOTH RTF & RPC RANGE
A 4.0 0.1 2.0 0.05
B
3.5 0.05 1.75 0.1 4.0 0.1 1.5 + 0.1 -0
8.0 0.2
TAPE DIMENSIONS (mm)
Dims. 0402 A 0.650.1 B 1.150.1
0603 1.10.1 1.90.1
0805 1.650.1 2.40.1
1206 1.90.1 3.50.1
1210 2.80.1 3.50.1
2010 2.80.2 5.60.2
2512 3.60.2 6.70.2
Tape packaging:
8mm width paper taping based on EIAJ RC-1009B, 5000pcs per reel.
MARKING EXPLANATION
5%, 3 digits, 1st two digits are significant figures, 3rd digit is number of zeros. R =decimal point 1%, 4 digits, 1st three digits are significant figures, 4th digit is number of zeros.
20.5 0.5 2.0 0.5 13 0.5 60 1.0 178 2.0
Reel Size(max) 7" (178mm) 13" (330mm) Chip Resistors
5% marking Value=10K 0603,0805,1206, 1210,2010,2512
0402 0603 0805 1206 1210 10000 5000 5000 5000 5000 40000 20000 20000 20000 20000 Marking Explanation 1002
1% marking Value=10K
0805,1206,1210 2010,2512
2010 4000 -
2512 2000 -
REEL DIMENSION (mm)
103

5%tolerance:3digits,Firsttwodigitsaresignificantfigures, thirddigitisnumberofzeros. 1%tolerance:4digits,firstthreedigitsaresignificantfigures, fourthdigitisnumberofzeros.LetterRisdecimalpoint. Letter"0"is0ohm.06031%:EIA-96marking.(asthebelowlist). 0402 nomarking. StandardMILresistancemarking. "R"signifiesDecimalplace.


10C
1% marking Value=12.4K
0603

no marking
0402

R020

Value=20m
Code 01 02 03 04 05 06 07 08 09 10 11 12
R Value 100 102 105 107 110 113 155 118 121 124 127 130
Code 13 14 15 16 17 18 19 20 21 22 23 24
R Value 133 137 140 143 147 150 154 158 162 165 169 174
Code 25 26 27 28 29 30 31 32 33 34 35 36
R Value 178 182 187 191 196 200 205 210 215 221 226 232
Code 37 38 39 40 41 42 43 44 45 46 47 48
R Value 237 243 249 255 261 267 274 280 287 294 301 309
Code 49 50 51 52 53 54 55 56 57 58 59 60
R Value 316 324 332 340 348 357 365 374 383 392 402 412
Code 61 62 63 64 65 66 67 68 69 70 71 72
R Value 422 462 442 453 464 475 487 499 511 523 536 549
Code 73 74 75 76 77 78 79 80 81 82 83 84
R Value 562 576 590 604 619 634 649 665 681 698 715 732
Code 85 86 87 88 89 90 91 92 93 94 95 96
R Value 750 768 787 806 825 845 866 887 909 931 953 976
This table shows the first two digits for the three-digit EIA-96 part marking scheme. The third character is a letter multiplier: Y=10-2 X=10-1 A=100 B=101 141
C=102
D=103
E=104
F=105
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SECTION 4


▲Up To Search▲   

 
Price & Availability of RTF16102A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X